Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M60SVS-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M60SVS-R
Description  Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M60SVS-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M60SVS-R Datasheet HTML 1Page - M-System Co.,Ltd. M60SVS-R Datasheet HTML 2Page - M-System Co.,Ltd. M60SVS-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M60SVS
M60SVS SPECIFICATIONS
ES-8022 Rev.1 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
I/O setting accuracy: ±0.2 %
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Response time (0 – 90 %): selectable with DIP SW
Standard: ≤ 500 msec.
Fast: ≤ 5 msec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Refer to the instruction manual for the setting procedure.
Zero adj.
Power LED
■ FRONT VIEW (with the front cover removed)
■ LEFT SIDE VIEW
Span adj.
DIP SW for setting
output range
1 2 3 4 5 6
SW1
SW1
On
DIP SW for setting
various functions
1 2 3 4
SW2
On
SW2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com