Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M60SWVS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M60SWVS
Description  Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M60SWVS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M60SWVS Datasheet HTML 1Page - M-System Co.,Ltd. M60SWVS Datasheet HTML 2Page - M-System Co.,Ltd. M60SWVS Datasheet HTML 3Page - M-System Co.,Ltd. M60SWVS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M60SWVS
M60SWVS SPECIFICATIONS
ES-8023 Rev.1 Page 1/4
http://www.m-system.co.jp/
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
SIGNAL TRANSMITTER
(field-configurable, two isolated outputs)
Functions & Features
• Converts DC input from a sensor into a standard process
signal
• Output range and response time selectable with DIP SW
• Power connector for interconnecting modules and
collectively supplying power
• Spring clamp terminal connection for easy wiring
• 6-mm wide ultra-slim design
• Low profile allows mounting in a 120-mm deep panel
• High-density mounting
• Power indicator LED
8 (.31)
mm (inch
)
108 (4.25)
102 (4.02)
MODEL: M60SWVS-R[1]
ORDERING INFORMATION
• Code number: M60SWVS-R[1]
Specify a code from below for [1].
(e.g. M60SWVS-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Default at shipment
Input range: 4 – 20 mA DC
Output 1 range: 4 – 20 mA DC
Output 2 range: 4 – 20 mA DC
Response time: Standard response
INPUT – Field-selectable
Current
4 – 20 mA DC (Input resistance 50 Ω)
0 – 20 mA DC (Input resistance 50 Ω)
Voltage
0 – 10 V DC (Input resistance 200 kΩ min.)
2 – 10 V DC (Input resistance 200 kΩ min.)
0 – 5 V DC (Input resistance 100 kΩ min.)
1 – 5 V DC (Input resistance 100 kΩ min.)
OUTPUT 1 – Field-selectable
Current
4 – 20 mA DC (Load resistance 300 Ω max.)
0 – 20 mA DC (Load resistance 300 Ω max.)
Voltage
0 – 5 V DC (Load resistance 5000 Ω min.)
1 – 5 V DC (Load resistance 5000 Ω min.)
OUTPUT 2 – Field-selectable
Current
4 – 20 mA DC (Load resistance 300 Ω max.)
0 – 20 mA DC (Load resistance 300 Ω max.)
Voltage
0 – 5 V DC (Load resistance 5000 Ω min.)
1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
Input and output: Spring clamp terminal
Power input: Via the power connector or the spring clamp
terminal
Applicable wire size: 0.2 to 1.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Adjustable individually for each output 1 and output 2.
Power LED: Green LED turns on when the power is supplied.
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Power consumption: 0.7 W max.
Power input: 3 A (Total current consumed by the


Similar Part No. - M60SWVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M60SVS MSYSTEM-M60SVS Datasheet
186Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
M60SVS-R MSYSTEM-M60SVS-R Datasheet
186Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
M60SVS-R/Q MSYSTEM-M60SVS-R/Q Datasheet
186Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
M60SYV MSYSTEM-M60SYV Datasheet
164Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
M60SYV-4W4W-R MSYSTEM-M60SYV-4W4W-R Datasheet
164Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
More results

Similar Description - M60SWVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M60SVS MSYSTEM-M60SVS Datasheet
186Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
M60SYV MSYSTEM-M60SYV Datasheet
164Kb / 3P
Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com