Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M60SWVS-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M60SWVS-R
Description  Base-free Interconnecting Ultra-Slim Signal Conditioners M60S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M60SWVS-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M60SWVS-R Datasheet HTML 1Page - M-System Co.,Ltd. M60SWVS-R Datasheet HTML 2Page - M-System Co.,Ltd. M60SWVS-R Datasheet HTML 3Page - M-System Co.,Ltd. M60SWVS-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M60SWVS
M60SWVS SPECIFICATIONS
ES-8023 Rev.1 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
DIN rail
(35mm wide)
102 (4.02)
0.5 (.02)
(Test lead pin 1 dia.)
•
With the end cover attached
•
Capable of High-density mounting
1
2
3
4
5
6
7
8
6 (.24)
2 (.08)
6 (.24)
3.7 (.15)
2.1 (.08)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
S
Z
+
−
INPUT
Low Drift
Amplifier
3
4
5
6
1
2
+
−
Output 1
Driver
Output 2
Driver
OUTPUT 1
OUTPUT 2
POWER
DIP SW for setting
various functions
DIP SW for setting
output range
S
Z
DIP SW for setting
output range
* Input shunt resistor incorporated for current input.
*
Power LED
7
8
+
−
+
−
POWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com