Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M80DM
Description  Super-mini Signal Conditioners M80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M80DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M80DM Datasheet HTML 1Page - M-System Co.,Ltd. M80DM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M80DM
M80DM SPECIFICATIONS
ES-5401 Rev.0 Page 1/2
http://www.m-system.co.jp/
Super-mini Signal Conditioners M80 Series
BLANK FILLER MODULE
Functions and Features
• Blank filler module for mounting in unused slots of
clustered mounting Installation Base (model: M80BSx)
mm (inch)
14.0 (.55)
39.2
(1.54)
50.5 (1.99)
MODEL: M80DM
ORDERING INFORMATION
• Code number: M80DM
RELATED PRODUCTS
• Installation Base (model: M80BSx)
This unit must be mounted on a dedicated base.
GENERAL SPECIFICATIONS
Construction: Plug-in
Housing material: Flame-resistant resin (gray)
INSTALLATION
Mounting: Multi-channnel Installation Base (model: M80BSx)
Weight: 10 g (0.35 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
14.0 (.55)
50.5 (1.99)


Similar Part No. - M80DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY-A6-R MSYSTEM-M80DY-A6-R Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
More results

Similar Description - M80DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M80BS8 MSYSTEM-M80BS8 Datasheet
201Kb / 3P
Super-mini Signal Conditioners M80 Series
M80BW MSYSTEM-M80BW Datasheet
98Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
M80YS MSYSTEM-M80YS Datasheet
100Kb / 2P
Super-mini Signal Conditioners M80 Series
M80YV MSYSTEM-M80YV Datasheet
102Kb / 2P
Super-mini Signal Conditioners M80 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com