Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWH0603-R47 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EWH0603-R47
Description  HIGH FREQUENCY WOUND CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EWH0603-R47 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EWH0603-R47 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EWH0603-R47 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EWH0603-R47 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EWH0603-R47 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EWH0603-R47 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EWH0603-R47 Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
HIGH FREQUENCY WOUND CHIP INDUCTORS
EWH SERIES
■ FEATURES
Our EWH series have been designed especially for high frequency and endurance high
current characteristic.
Ceramic body and wire wound construction delivers the highest SRFs especially also
appears superior Q value even at high frequency.
These ultra-compact size inductors are provided for high density PCB.
Excellent for SRFs and Q values applications such as communication equipment,
cellular phones, computer communication, etc..
■ PART NUMBERING SYSTEM
EWH
0805
R12
K
1
Z
Z: RoHS Compliant
Packing:
1: Tape and 7" Reel
Tolerance:
G=±2%, J=±5%, K=±10%
Inductance:
R12: 120nH
Size Code:
Product Name:
High Frequency Wound Chip Inductors
■
DIMENSIONS
UNIT: mm
Type
L
W
T
S
0603
1.6±0.2 1.05±0.2 1.05±0.2 0.35±0.1
0805
2.0±0.2 1.25±0.2 1.20±0.2 0.40±0.1
1008
2.5±0.2 2.00±0.2 2.20±0.2 0.50±0.1
0.5
T
W
S
L


Similar Part No. - EWH0603-R47

ManufacturerPart #DatasheetDescription
logo
AiSHi Capacitor
EWH0IM222G20---T AISHI-EWH0IM222G20---T Datasheet
916Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
EWH0IM332G20---T AISHI-EWH0IM332G20---T Datasheet
916Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
EWH0IM472W20--T AISHI-EWH0IM472W20--T Datasheet
916Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
EWH0JM101D11---T AISHI-EWH0JM101D11---T Datasheet
916Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
EWH0JM102F12---T AISHI-EWH0JM102F12---T Datasheet
916Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EWH0603-R47

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFC03-0N2S-RC ALLIED-HFC03-0N2S-RC Datasheet
366Kb / 1P
High Frequency Chip Inductors
HFC05-1N0S-RC ALLIED-HFC05-1N0S-RC Datasheet
410Kb / 1P
High Frequency Chip Inductors
HFC10-1N0S-RC ALLIED-HFC10-1N0S-RC Datasheet
364Kb / 1P
High Frequency Chip Inductors
logo
PCA ELECTRONICS INC.
EPICF100505 PCA-EPICF100505 Datasheet
47Kb / 3P
High Frequency Chip Inductors
logo
Murata Manufacturing Co...
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15ANR10J00D MURATA-LQW15ANR10J00D Datasheet
105Kb / 5P
Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
logo
Allied Components Inter...
HFC05 ALLIED-HFC05 Datasheet
379Kb / 1P
High Frequency Chip Inductors
HFC03SM ALLIED-HFC03SM Datasheet
430Kb / 1P
High Frequency Chip Inductors
HFC03 ALLIED-HFC03 Datasheet
461Kb / 1P
High Frequency Chip Inductors
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
WOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com