Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80YS-6A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M80YS-6A-R
Description  Super-mini Signal Conditioners M80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M80YS-6A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M80YS-6A-R Datasheet HTML 1Page - M-System Co.,Ltd. M80YS-6A-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: M80YS
M80YS SPECIFICATIONS
ES-5397 Rev.0 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
14.0 (.55)
50.5 (1.99)
1.3 (.05)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
S
Z
Low Drift
Amplifier
2
9
10
6
8
3
4
INPUT
+
–
Isolation
Output
Driver
1
OUTPUT
+
–
POWER
5
7
+
–
Note: Use shielded cables for I/O wiring.
Installation Base
A
B
C
 
 
 
 
 
 
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com