Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80YS-64-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M80YS-64-R
Description  Super-mini Signal Conditioners M80 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M80YS-64-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M80YS-64-R Datasheet HTML 1Page - M-System Co.,Ltd. M80YS-64-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M80YS
M80YS SPECIFICATIONS
ES-5397 Rev.0 Page 1/2
http://www.m-system.co.jp/
Super-mini Signal Conditioners M80 Series
OUTPUT ISOLATOR
Functions & Features
• Converts DC input into isolated standardized process
signal
• Isolates between analog output channels of a PLC
• Achieves space-saving and easy maintenance with Multi-
channel Installation Base
mm (inch)
14.0 (.55)
39.2
(1.54)
51.8 (2.04)
MODEL: M80YS-6[1]-R
ORDERING INFORMATION
• Code number: M80YS-6[1]-R
Specify a code from below for [1].
(e.g. M80YS-66-R)
INPUT
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[1] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
4: 0 - 10 V DC (Load resistance 5000 Ω min.)
5: 0 – 5 V DC (Load resistance 2500 Ω min.)
6: 1 – 5 V DC (Load resistance 2500 Ω min.)
4W: -10 – +10 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Installation Base (model: M80BSx)
This unit must be mounted on a dedicated base.
GENERAL SPECIFICATIONS
Construction: Plug-in
Housing material: Flame-resistant resin (gray)
Power supply: Via the Installation Base terminals
(model: M80BSx)
Isolation: Input to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Voltage
Input resistance: 1 MΩ min. (10 kΩ min. in power failure)
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 95 %RH (non-condensing)
Mounting: Multi-channnel Installation Base (model: M80BSx)
Weight: 20 g (0.71 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 15 msec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - M80YS-64-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M80YV MSYSTEM-M80YV Datasheet
102Kb / 2P
Super-mini Signal Conditioners M80 Series
More results

Similar Description - M80YS-64-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M80BS8 MSYSTEM-M80BS8 Datasheet
201Kb / 3P
Super-mini Signal Conditioners M80 Series
M80BW MSYSTEM-M80BW Datasheet
98Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DM MSYSTEM-M80DM Datasheet
83Kb / 2P
Super-mini Signal Conditioners M80 Series
M80DY MSYSTEM-M80DY Datasheet
101Kb / 2P
Super-mini Signal Conditioners M80 Series
M80YV MSYSTEM-M80YV Datasheet
102Kb / 2P
Super-mini Signal Conditioners M80 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com