Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4063 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4063
Description  5A three-cell lithium battery charge management integrated circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4063 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4063 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4063 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
电气特性:
(
VCC=15V,TA=-40℃ 到 85℃,除非另有注明)
参数
符号
测试条件
最小
典型
最大
单位
输入电压范围
VCC
7.5
28
V
低电压锁存阈值
UVLO
4.2
6
7. 3
V
芯片工作电流
IVCC
VBAT>VREG
1.2
1.7 5
2.3
mA
调制电压
VREG
恒压充电模式
12.474 12. 6
12.726
V
电流检测
VCS
VBAT>8.4V,VCSP-VBAT
190
20 0
21 0
mV
VBAT<8.4V,VCSP-VBAT
18
3 0
4 2
流入
BAT 管脚电流
IBAT
充电结束模式或睡眠模式
15
25
uA
涓流充电阈值
VPRE
BAT管脚电压上升
8.1
8.4
8.7
V
涓流充电阈值迟滞
HPRE
BAT管脚电压下降
0.3
V
再充电阈值
VRE
BAT管脚电压下降
12
V
过压阈值
Vov
电池电压上升
1.06
1.08
1.1
VREG
过压释放阈值
Vclr
电池电压下降
0.98
1
1.0 2
TEMP 管脚
上拉电流
Iup
38
5 0
6 2
uA
比较器高端阈值
Vthh
TEMP 管脚电压上升
1.57
1. 61
1. 65
V
比较器低端阈值
Vthl
TEMP 管脚电压下降
0.145 0.1 75
0.205
V
CHRG 管脚
CHRG管脚下拉电流
ICHRG
VCHRG=1V,充电模式
7
12
18
mA
CHRG管脚漏电流
ILK1
VCHRG=25V,充电结束模式
1
uA
DONE 管脚
管脚下拉电流
IDONE
VDONE=1V,充电结束模式
7
12
18
mA
管脚漏电流
ILK2
VDONE=25V,充电模式
1
uA
振荡器
频率
fosc
240
300
360
kHZ
最大占空比
Dmax
94
%
睡眠模式
睡眠模式阈值
(测量VCC-VBAT)
VSLP
V
CC falling
VBAT=8V
0.06
0. 1
0. 14
V
VBAT=12V
0.1
0. 14
0. 18
VBAT=18V
0.18
0. 23
0. 28
睡眠模式释放阈值
(测量VCC-VBAT)
VSLPR
VCC rising,
VBAT=8V
0.26
0. 32
0. 39
V
VBAT=12V
0.32
0. 42
0. 52
VBAT=18V
0.38
0. 47
0. 58
DRV 管脚
VDRV 高电平
(VCC-VDRV)
VH
IDRV=-10mA
60
mV
VDRV 低电平
(VCC-VDRV)
VL
IDRV=0mA
5
6 .5
8
V
上升时间
tr
Cload=2nF, 10% to 90%
30
40
65
ns
下降时间
tf
Cload=2nF, 90% to 10%
30
4 0
6 5
ns
HM4063
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com