Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML312ECT Datasheet(PDF) 1 Page - Rohm

Part # SML312ECT
Description  High Brightness Type Mini-molded chip LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312ECT Datasheet(HTML) 1 Page - Rohm

  SML312ECT Datasheet HTML 1Page - Rohm SML312ECT Datasheet HTML 2Page - Rohm SML312ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ External Dimensions(Unit:mm)
High Brightness Type Mini-molded chip LEDs
SML31* Series
SURFACE MOUNT LED LAMPS
(Typ.)
■ Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
■ Packaging Spacifications(Unit:mm)
■ Recommemded Pad Layout
1608
(0603)
1.6
×0.8
t=0.8
1.2
1.6
+0.2
0
1.0
Relative brightness (
%)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
*IFP measured under duty ≦1/10,1kHz.
Part No.
SML310BAT
SML311BBT
SML312BCT
SML311EBT
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
3.8
3.5
3.8
20
100
5
428
468
523
518
36
14
1.4
90
22
63
90
200
22
3.6
36
26
65
20
20
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Resin Color
Transparent
Clear
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Stotage
temperature
Tstg
(
°C)
Emitting
color
94
84
20
70
100
5
-30 to +85
-40 to +100
Blue
Green
Terminal
Cathode mark
Tolerance:
±0.1
VR
(V)
Peak Half-wave
∆λ
SML312ECT
36
■ Absolute Maximum Ratings(Ta=25℃)
■ Electrical Optical Characteristics(Ta=25℃)
0.8
Feeding direction
2
4
φ1.5
1.1
1.0
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈3,000pcs/reel〉
Reel Spacifications
Note) "-" will be taken out for emitting color B/E series.
(Unit:mm)
Y’
X’
Blue
Green
468nm
525nm
GaN on SiC
428nm
SML310BAT
SML311BBT
SML312BCT
SML311EBT
SML312ECT
InGaN on SiC


Similar Part No. - SML312ECT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML312ECT ETC1-SML312ECT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Rohm
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6x0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML312ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
Standard Type Mini-molded chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
Standard Type Mini-molded chip LEDs
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML-510 ROHM-SML-510 Datasheet
253Kb / 3P
Standard Type Mini-molded chip LEDs
SML-210X ROHM-SML-210X Datasheet
881Kb / 3P
Mini-molded chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310MTT86 ROHM-SML-310MTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com