Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD2010 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTD2010
Description  FLAT PANEL DISPLAY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTD2010 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTD2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTD2010 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RTD2010
2002/11/12
Rev1.20
7
5.3 Control Interface
Name
Type
Pin No
Description
(EXT# =0):
SCSB
(EXT# =1):
GPIO_P3.4
I
I/O
81
Serial Control I/F Chip Select
GPIO_P3.4 / T0#
(EXT# =0):
SCLK
(EXT# =1):
GPIO_P3.5
I
I/O
82
Serial Control I/F Clock
GPIO_P3.5 / T1#
(EXT# =0): SDI
(EXT# =1):
GPIO_P3.6
I
I/O
83
Serial Control I/F Data in
GPIO_P3.6
(EXT# =0): SDO
(EXT# =1):
GPIO_P3.7
O
I/O
84
Serial Control I/F Data out
GPIO_P3.7
(EXT# =0):
IRQ#
(EXT# =1):
GPIO_P3.1
O
I/O
85
Controller’s IRQ# Output;
GPIO_P3.1 / INT#1
(EXT# =0):
PWDN#
(EXT# =1):
GPIO_P3.0
I
I/O
86
PowerDown# for Controller
GPIO_P3.0
RESET#
I
87
(EXT#=0): RESET# for Controller;
(EXT#=1): RESET# for MCU
Total: 7 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com