Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAP Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MXAP
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAP Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MXAP Datasheet HTML 1Page - M-System Co.,Ltd. MXAP Datasheet HTML 2Page - M-System Co.,Ltd. MXAP Datasheet HTML 3Page - M-System Co.,Ltd. MXAP Datasheet HTML 4Page - M-System Co.,Ltd. MXAP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MXAP
MXAP SPECIFICATIONS
ES-1731 Rev.10 Page 4/5
http://www.m-system.co.jp/
RECALLING PAST TOTALIZED COUNT
(1)
Preset
Auto Reset Time
Last Auto Reset
(once before)
(2)
Two Times
Before
(3)
Three Times
Before
(4)
Four Times
Before
(5)
Five Times
Before
Six Times
Before
Time
Present
Past totalized pulse counts at the moment of auto-reset can be recalled for five times.
For example, the totalized count during the period indicated with (5) in the figure below are recalled in one of the
ITEM 27 (upper 4 digits) and 28 (lower 4 digits). Likewise, (1) through (4) are also recalled in ITEM 29 through 36.
The displayed are renewed by every auto resetting. If the auto-reset is not specified, this function is not valid.
EXTERNAL DIMENSIONS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
123 (4.84)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
2
1
8
7
3
4
INPUT RESISTOR
(model: REM)
Input shunt resistor attached
for current input.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com