Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MTD
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MTD Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MTD Datasheet HTML 1Page - M-System Co.,Ltd. MTD Datasheet HTML 2Page - M-System Co.,Ltd. MTD Datasheet HTML 3Page - M-System Co.,Ltd. MTD Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MTD
MTD SPECIFICATIONS
ES-1378 Rev.10 Page 2/4
http://www.m-system.co.jp/
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Voltage Pulse
High pulse width: Duty cycle 0 – 100 %
High level: 24 V ±2 V
Low level: 0 V ±1 V
Maximum current: 50 mA at high level
Load resistance: 480 Ω min.
Output frames
PRESELECTION SWITCH
POSITION (FR SEL)
ADJUSTABLE RANGE BY
POTENTIOMETER (FRAME)
0
0.1 to 0.2 seconds
1
0.2 to 0.4 seconds
2
0.4 to 0.8 seconds
3
0.8 to 1.6 seconds
4
1.6 to 3.2 seconds
5
3.2 to 6.4 seconds
6
6.4 to 12.8 seconds
7
12.8 to 25.6 seconds
8
25.6 to 51.2 seconds
9
51.2 to 102.4 seconds
Ex-factory setting: Preselection Switch = 3, Frame = 1.0 sec.,
Zero/Span = Output 1 – 99% with the input 1 – 99%.
INSTALLATION
Power consumption
•AC: Approx. 2.5 VA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % or 1 msec., whichever is greater, with
output duration 1 – 99 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @1 minute
(input to output to power)
2000 V AC @1 minute
(input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com