Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXCB-Z1-R3 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MXCB-Z1-R3
Description  Plug-in Signal Conditioners MX-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXCB-Z1-R3 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MXCB-Z1-R3 Datasheet HTML 1Page - M-System Co.,Ltd. MXCB-Z1-R3 Datasheet HTML 2Page - M-System Co.,Ltd. MXCB-Z1-R3 Datasheet HTML 3Page - M-System Co.,Ltd. MXCB-Z1-R3 Datasheet HTML 4Page - M-System Co.,Ltd. MXCB-Z1-R3 Datasheet HTML 5Page - M-System Co.,Ltd. MXCB-Z1-R3 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: MXCB
MXCB SPECIFICATIONS
ES-1745 Rev.8 Page 5/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
D/A
Converter
Digital
Computation
Base Socket
DATA
ITEM
5
3
4
10
11
UP
9
From SOFT-TERMINAL
DOWN
COM
STOP
From COMPUTER
6
UP
DOWN
COM
Effective only
in MAN mode
1
7 U(+)
V(–)
8
POWER
+
–
OUTPUT
2
FUNCTIONS
COMMAND
TERM.
SIGNAL STATUS
UP
3 – 6
1 0 0 1 – – – –
Computer
DOWN
4 – 6
0 1 0 1 – – – –
STOP
5 – 6
1 1 1 1 0 0 0 0
ST/STL
UP
9 – 11 – – – – 1 0 0 1
DOWN
10 – 11 – – – – 0 1 0 1
Output of the MXCB
1 – 2
↑ ↓ H H ↑ ↓ H H
[Keys] 1 : ON
0 : OFF
– : ON or OFF
H : Hold
↑ : Increase ↓ : Decrease
• MXCB Used Independently
In normal operating mode, the MXCB responds to UP/DOWN signals
from the computer in the preset ramp rate. If the computer fails, this will
be detected as a “STOP” command and output will be held at the value
prior to the breakdown. You can increase the output signal by closing
across the terminals 9 – 11, and decrease it by closing 10 – 11. The output
responds in the preset ramp rate.
• MXCB Used in Combination with ST/STL
In normal operating mode, the MXCB responds to UP/DOWN signals
from the computer in the preset ramp rate. If the computer fails, the
“STOP” command will override computer output and put the unit in the
manual operation mode by the ST/STL. Using the top-mounted UP or
DOWN key, output can be increased or decreased in the preset ramp rate.
Output signal value can be read on the top-mounted indicator.
For more precise control, use the monitor terminals. Also the computer
input can be overridden with the AUTO/MANUAL selector on the
Soft-Terminal. This is useful when you need to change the output quickly
during automatic operation by the computer control.
DEFAULT SETTING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com