Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAB-S1Z1-R3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXAB-S1Z1-R3
Description  Plug-in Signal Conditioners MX-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAB-S1Z1-R3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXAB-S1Z1-R3 Datasheet HTML 1Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 2Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 3Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 4Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 5Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 6Page - M-System Co.,Ltd. MXAB-S1Z1-R3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: MXAB
MXAB SPECIFICATIONS
ES-1747 Rev.10 Page 2/7
http://www.m-system.co.jp/
Scaling: -9999 to 9999
PV indication: Output signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red; the PL1 turns on with negative polarity, the PL2
turns on at MANUAL mode, the PL3 turns on when UP signal
on at MANUAL mode, the PL4 turns on when DOWN signal
on at MANUAL mode.
INPUT SPECIFICATIONS
■ DC Input from the computer
Code S1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code S2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Code S3: -30.0 – +30.0 V DC
Operational range: -34.5 – +34.5 V DC
Minimum increment: 100 mV
Notes:
-Set to the 100 % input voltage a larger value than that to
the 0 % input voltage.
-Operational range is of -15 to +115 % or as indicated
above.
Default setting:
Code S1: -1.00 – +1.00 V DC
Code S2: -10.0 – +10.0 V DC
Code S3: -30.0 – +30.0 V DC
■ Contact Input: TTL level (5V-CMOS level) or open
collector/dry contact (detecting voltage: approx. 5 V,
saturation voltage: ≤ 1 V, sink current: 0.5 mA)
Stop signal (input from the computer):
Switches AUTO/MAN modes.
UP/DOWN signals (input from the Soft-Terminal): Controls
the analog output in MAN mode.
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 3.5 W (150 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of max. span
Accuracy: Input + output
Input: ±0.05 %
Output: ±0.05 %
Min. span required to ensure the accuracy:
20 % of the nominal I/O range
Display accuracy: Input accuracy ±1 digit
(with 0.0 – 100.0 scaling)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Approx. 0.5 to 100 sec. in AUTO (0 – 90 % )
(with front key)
Approx. 1 – 999 sec. variable in MAN (0 – 100 %)
Output memory at power OFF: E2PROM (non-volatile
memory)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power – Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com