Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MFS2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MFS2 Datasheet HTML 1Page - M-System Co.,Ltd. MFS2 Datasheet HTML 2Page - M-System Co.,Ltd. MFS2 Datasheet HTML 3Page - M-System Co.,Ltd. MFS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MFS2
MFS2 SPECIFICATIONS
ES-1383 Rev.6 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
■ Contact Input
Detecting voltage/current: Approx. 2 V DC / 50 μA
Detection levels
ON resistance: ≤ 200 Ω, ≤ 0.5 V
OFF resistance: ≥ 100 kΩ, ≥ 1.7 V
INSTALLATION
Power consumption
•AC:
approx. 4 VA at 100 V
approx. 5.5 VA at 200 V
approx. 6.5 VA at 264 V
•DC: Approx. 2 W
Operating temperature: 0 to 50°C (32 to 122°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.5 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to output 1 or output 2 or output 3 or output 4 to
power to ground)
500 V AC @ 1 minute (between each output)
EXTERNAL VIEW
PC Configurator Jack
Power LED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com