Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAB-S1V1-R3 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # MXAB-S1V1-R3
Description  Plug-in Signal Conditioners MX-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAB-S1V1-R3 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  MXAB-S1V1-R3 Datasheet HTML 1Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 2Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 3Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 4Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 5Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 6Page - M-System Co.,Ltd. MXAB-S1V1-R3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: MXAB
MXAB SPECIFICATIONS
ES-1747 Rev.10 Page 6/7
http://www.m-system.co.jp/
FUNCTIONS
■ Output at Start-up of the MXAB
The following shows the output value at start-up of the MXAB and after switching of mode of the Stop.
• Output when Stop-mode is AUTO at Start-up of the MXAB
MANUAL control
mode (ITEM 13)
Trace-back time
(ITEM 15)
Output stored
at loss of power
(ITEM 17)
Before switching of
Stop-mode (AUTO)
Output after switching of the Stop-mode from
AUTO to MANUAL
Before Trace-back
time passes
After Trace-back time
passed
1
(Fixed value mode)
No effect
1: Enable
Proportional to
input value
Fixed value preset in the ITEM 14
0: Disable
0
(Trace-back mode)
0
Don’t care
The value at the time of the Stop-mode
switched
Other than 0
1: Enable
The value stored
at the loss of
power
The value retroactive
to the preset time pe-
riod in the ITEM 15
0: Disable
The value preset
in the ITEM 18
• Output when Stop-mode is MANUAL at Start-up of the MXAB
MANUAL control
mode (ITEM 13)
Trace-back time
(ITEM 15)
Output stored
at loss of power
(ITEM 17)
Before switch-
ing of Stop-mode
(MANUAL)
Output after the Stop-mode is switched
back from AUTO to MANUAL
Before Trace-back
time passes
After trace-back time
passed
1
(Fixed value mode)
Don’t care
1: Enable
The value stored at
the loss of power
Fixed value preset in the ITEM 14
No effect
0: Disable
The value preset in
the ITEM 18
0
(Trace-back mode)
0
1: Enable
The value stored at
the loss of power
The value at the time of the Stop-mode
switched
0: Disable
The value preset in
the ITEM 18
Other than 0
1: Enable
The value stored at
the loss of power
The value stored
at the loss of
power
The value retroactive
to the preset time pe-
riod in the ITEM 15
0: Disable
The value preset in
the ITEM 18
The value preset
in the ITEM 18
■ MXAB Used in Combination with ST/STL
In normal operating mode, the MXAB responds proportionally to its input (the computer output) in the response time of less
than 0.5 seconds.
If the computer fails, the “STOP” command will override computer output and put the unit in the manual operation mode by
the ST/STL. Using the top-mounted UP or DOWN key, output can be increased or decreased in the preset ramp rate. Output
signal value can be read on the top-mounted indicator. For more precise control, use the monitor terminals.
Also the computer input can be overridden with the AUTO-MANUAL selector on the Soft-Terminal.
■ Basic Operation (operation in default setting)
In normal operating mode, the MXAB responds proportion -
ally to its input (the computer output) in the response time
of less than 0.5 seconds.
If the computer fails, this will be detected as a “STOP”
command and output will be held at the value prior to the
breakdown. You can increase the output signal by closing
across the terminals 9 – 11, and decrease it by closing 10
– 11. The output responds in the preset ramp rate.
COMMAND
TERM.
SIGNAL STATUS
Computer
DC Signal
5 – 6
↑ ↓
STOP
3 – 4
1 1 0 0 0 0 0 0
ST/STL
UP
9 – 11 – – – – 1 0 0 1
DOWN
10 – 11 – – – – 0 1 0 1
Output of the MXAB
1 – 2
↑ ↓ H H ↑ ↓ H H
[Keys] 1 : ON
0 : OFF
– : ON or OFF
H : Hold
↑ : Increase ↓ : Decrease
■ Output after the Switching from AUTO Mode to MANUAL Mode
The output changes according to the ITEM 13.
When the ITEM 13 is 0, the output is the value retroactive to the preset time period in the ITEM 15.
When the ITEM 13 is 1, the output is the value preset in the ITEM 14.
■ Output Stored at the Loss of Power
When the ITEM 17 is 0, the output value at the loss of power is stored.
When the ITEM 15 is other than 0, the output value retroactive to the preset time period in the ITEM 15 is stored.
When the Stop signal is in MANUAL mode at power recovery, the output is the stored value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com