Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS2-64-M Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MFS2-64-M
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MFS2-64-M Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MFS2-64-M Datasheet HTML 1Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 2Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 3Page - M-System Co.,Ltd. MFS2-64-M Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MFS2
MFS2 SPECIFICATIONS
ES-1383 Rev.6 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
72 (2.83)
109 (4.29)
139 (5.47)
[3.3 (.13)]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
• When mounting, no extra space is needed between units.
60 (2.36)
72 (2.83)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
12
5
6
14
11
1
10
15
4
3
2
7
9
8
TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
14
11
1
10
15
3
2
7
9
8
INPUT RESISTOR
(model: REM)
Input shunt resistor attached
for current input.
12 4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
+
–
Isolation
*
Base Socket
*Input shunt resistor attached for current input.
ANALOG INPUT
4
Low Drift
Amplifier
Digital
Computation
Contact
Input
Output 3
Driver
OUTPUT 3
R
12
5
6
9
15
+
–
Isolation
Output 2
Driver
OUTPUT 2
10
1
+
–
Isolation
POWER LED
Output 1
Driver
OUTPUT 1
11
2
+
–
Isolation
Output 4
Driver
OUTPUT 4
8
3
U(+)
V(–)
POWER
7
14
CONTACT INPUT
CONFIGURATOR
JACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com