Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNV-1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MNV-1-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MNV-1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MNV-1-R Datasheet HTML 1Page - M-System Co.,Ltd. MNV-1-R Datasheet HTML 2Page - M-System Co.,Ltd. MNV-1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MNV
MNV SPECIFICATIONS
ES-1691 Rev.9 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
ANALOG SWITCHING MODULE
Functions & Features
• Selecting one signal as output from up to four analog
input signals
• Distributing a single input signal to any or all of the up to
four output channels
• High-density mounting
Typical Applications
• Switching 1 – 5 V DC signal: no contact failure that
happens when using mechanical contacts for this purpose
• Switching low-speed pulse signals
• Switching alternating signals
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: MNV–[1]–[2][3]
ORDERING INFORMATION
• Code number: MNV-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MNV-1-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] SWITCHING CIRCUIT
1: Single circuit
2: Double circuit
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Switching: Photo MOSFET relay
Isolation: Switching command relay to signal line to power
Monitor LED 1: Red light turns on with SW1 ON
Monitor LED 2: Red light turns on with SW2 ON
Monitor LED 3: Red light turns on with SW3 ON
Monitor LED 4: Red light turns on with SW4 ON
INPUT & OUTPUT
■ Signal Line
Max. operational voltage range: ±50 V DC (min. span 10
mV)
Max. operational current range: ±50 mA DC
Max. operational frequency range: 100 Hz
ON resistance: Approx. 50 Ω per line
■ Switching Command: Relay contact or open
collector
Sensing:
Approx. 20 V DC @ 7 mA with single circuit
Approx. 20 V DC @ 14 mA with double circuit
Detection levels
ON resistance: ≤ 1 KΩ, ≤ 5 V
OFF resistance: ≥ 100 kΩ, ≥ 18 V
Leakage current at OFF: 1 μA (400 V AC between lines)
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %


Similar Part No. - MNV-1-R

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
MNV02101500RFSS50-X6B ASHCROFT-MNV02101500RFSS50-X6B Datasheet
1Mb / 4P
V02 Series Monoflange
RevA_10-05-20
MNV02101500RFSS50-XC3 ASHCROFT-MNV02101500RFSS50-XC3 Datasheet
1Mb / 4P
V02 Series Monoflange
RevA_10-05-20
MNV02101500RFSS50-XCD-5 ASHCROFT-MNV02101500RFSS50-XCD-5 Datasheet
1Mb / 4P
V02 Series Monoflange
RevA_10-05-20
MNV02101500RFSS50-XHY ASHCROFT-MNV02101500RFSS50-XHY Datasheet
1Mb / 4P
V02 Series Monoflange
RevA_10-05-20
MNV02101500RFSS50-XNH ASHCROFT-MNV02101500RFSS50-XNH Datasheet
1Mb / 4P
V02 Series Monoflange
RevA_10-05-20
More results

Similar Description - MNV-1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com