Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAP-S3J-R3/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXAP-S3J-R3/Q
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAP-S3J-R3/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXAP-S3J-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. MXAP-S3J-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. MXAP-S3J-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. MXAP-S3J-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. MXAP-S3J-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MXAP
MXAP SPECIFICATIONS
ES-1731 Rev.10 Page 2/5
http://www.m-system.co.jp/
when 0 % output frequency is set to a frequency other than
0 Hz.
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Scaling: -9999 to 9999
PV indication: Input signal in engineering unit
Totalized pulse count: 0 – 99999999; Blinks at overflow.
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
Status LEDs: Red; the PL1 turns on with negative polarity,
the PL2 with programming error and the PL3 with low-end
cutout.
Output LED: Red; the PL4 blinks in synchronization with the
output pulse; remains on at 30 Hz or higher frequencies.
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; shunt resistor attached to
input terminals (0.5 W)
Operational range: 0 – 70 mA DC (with 100 Ω/0.5 W)
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
•Code S1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
•Code S2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
•Code S3: -30.0 – +30.0 V DC
Operational range: -34.5 – +34.5 V DC
Minimum increment: 100 mV
Note: 100 % input must be larger than 0 %.
Default setting:
Code S1: -1.00 – +1.00 V DC
Code S2: -10.0 – +10.0 V DC
Code S3: -30.0 – +30.0 V DC
OUTPUT SPECIFICATIONS
100 % output frequency must be higher than 0 %.
Note: Minimum increments is 1/1000 of each frequency
range.
• Open Collector: 50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 10 pulses/hour through 10 kHz
Saturation voltage: 0.6 V DC
■ Voltage Pulse
Frequency range: 0 – 10 pulses/hour through 10 kHz
Lo level: ≤ 0.5 V
Hi level: 5 – 24 V ±10 %
(selectable in 1 V increments)
Load resistance: 5 kΩ minimum
■ AC/DC Switch: 120 V AC/DC @ 200 mA (resistive load)
Frequency range: 0 – 10 pulses/hour through 10 Hz
On resistance: 3 Ω
Rise time: 5 msec.
Sink time: 3 msec.
■ RS-422 Line Driver Pulse
Frequency range: 0 – 10 pulses/hour through 10 kHz
Conforms to EIA/TIA-422-B
OUTPUT PULSE WIDTH
■ DUTY RATIO 50 % (approx.)
The duty ratio remains at 50 % (approx.) even when the
output frequency changes.
■ ONE-SHOT OUTPUT
The output pulse width varies by 10 % of the preset value.
Selectable from 1 msec. up to 10 sec. (50 msec. – 10 sec.
for AC/DC switch).
For 10 kHz and a part of 1 kHz ranges, the one-shot output
is not selectable. Choose 50 % duty ratio for such cases.
If the preset value is wider than the cycle at 115 % output,
this unit does not function properly related ITEM number
blinks.)
[Example] 0 % output frequency = 50 Hz
100 % output frequency = 100 Hz
115 % output cycle = 9.3 msec.
The output pulse greater than 9.3 msec. is not appropriate.
INSTALLATION
Power consumption
•AC:
approx. 3.5 VA at 100 V
approx. 5 VA at 200 V
approx. 7 VA at 264 V
•DC: Approx. 3.3 W (130 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE
Accuracy: Input + output
Input: ±0.05 %
(When span is set to not less than 20 % of settable range)
Output: ±0.3 % at 10 kHz range
±0.05 % at 1 kHz or lower range
(When span is set to not less than 20 % of settable range)
Display accuracy: Input accuracy ±1 digit
(with 0.0 – 100.0 scaling)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.3 sec. + (one pulse cycle at 100 % output)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com