Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAP-S2R-R3/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXAP-S2R-R3/Q
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAP-S2R-R3/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXAP-S2R-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. MXAP-S2R-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. MXAP-S2R-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. MXAP-S2R-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. MXAP-S2R-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MXAP
MXAP SPECIFICATIONS
ES-1731 Rev.10 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
DC/FREQUENCY CONVERTER
(front configurable)
Functions & Features
• Provides a pulse rate output in proportion to DC input
signal
• Field-programmable output frequency and
pulse width
• Easy programming via front UP-DOWN keys
with a help of 4-digit and 2-digit displays
• Low-end cutout
• Pulse totalizing function (manual/auto reset)
• Loop test output
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Totalizing applications in combination with a counter
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MXAP–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: MXAP-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. MXAP-S1F-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 100 Ω)
Voltage
S1: Range -1 – + 1 V DC (Input resistance 100 kΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
S3: Range -30 – +30 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
A: Open collector (10 kHz)
F: Voltage pulse (10 kHz)
J: RS-422 line driver pulse (10 kHz)
R: AC/DC switch (10 Hz)
( ) = Max. frequency conforming with the described
accuracy.
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R3: 12 – 24 V DC
(Operational voltage range 10.8 - 26.4 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1731)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Programming: Via front keys
• Input range
• Low-end cutout
• Output frequency range
• Pulse width
• Output logic
etc...
(Refer to the instruction manual for details)
Low-end cutout: Programmable within 0.3 – 100 %;
deadband 0.1 %; Cancelled in the loop test output mode or


Similar Part No. - MXAP-S2R-R3/Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXA-0502-10 ETC1-MXA-0502-10 Datasheet
392Kb / 1P
Surface Mount Mixer
logo
National Semiconductor ...
MXA16A NSC-MXA16A Datasheet
854Kb / 16P
1.5A Switching Regulator with High Efficiency Sleep MODE
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXA2500E MEMSIC-MXA2500E Datasheet
327Kb / 6P
Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
MXA2500EF MEMSIC-MXA2500EF Datasheet
327Kb / 6P
Ultra Low Noise, Offset Drift ?? g Dual Axis Accelerometer with Analog Outputs
v1.0
More results

Similar Description - MXAP-S2R-R3/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com