Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXAP-S3R-R3/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MXAP-S3R-R3/Q
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXAP-S3R-R3/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MXAP-S3R-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. MXAP-S3R-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. MXAP-S3R-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. MXAP-S3R-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. MXAP-S3R-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MXAP
MXAP SPECIFICATIONS
ES-1731 Rev.10 Page 3/5
http://www.m-system.co.jp/
Time required from a step input (0 – 100 %) to the first
pulse output.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power: Basic insulation (300 V)
RoHS Directive
EN 50581
EXTERNAL VIEW
PL4
PL3
PL2
PL1
DATA
ITEM
DATA
ITEM
ITEM No. Display
DATA UP-DOWN Keys
ITEM No. UP-DOWN Keys
DATA Display
Output LED
Low-end
Cutout LED
Programming
Error LED
Polarity LED
Refer to the instruction manual for detailed procedures.
OUTPUT LOGIC
H
OFF
H
H
L
OFF
ON
H
L
L
ON
L
PULSE LOGIC
Non-Inverted
Inverted
VOLTAGE PULSE
OUTPUT
OPEN COLLECTOR
AC/DC SWITCH OUTPUT
RS-422 LINE DRIVER
PULSE OUTPUT
0V
0V
The output pulse logic is selectable. One-shot pulse width is applied at the bold line part of waveform. Arrows
in the figure indicate the pulse edge which counts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com