Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSEF-65-S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSEF-65-S/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSEF-65-S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSEF-65-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. MSEF-65-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. MSEF-65-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. MSEF-65-S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MSEF
MSEF SPECIFICATIONS
ES-1607 Rev.9 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC ALARM
(front control button adjustment)
Functions & Features
• Providing SPDT relay outputs at preset DC input levels
• Dual trip
• Latching or non-latching output
• Deadband, ON-delay, Hi/Lo trip, failsafe action can be
programmed with front UP/DOWN control buttons
• Enclosed relays
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MSEF–[1]5–[2][3]
ORDERING INFORMATION
• Code number: MSEF-[1]5-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MSEF-65-F/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
Voltage
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
OUTPUT
5: Dual trip; SPDT or transfer contact
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC (Option /UL not selectable.)
H: 220 V AC (Option /UL not selectable.)
J: 240 V AC (Option /UL not selectable.)
DC Power
R: 24 V DC (Option /UL not selectable.)
S: 12 V DC (Option /UL not selectable.)
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Latching output: Alternatively selectable to deadband
option; reset with the power turned OFF.
Front LEDs: Red/green dual-color LED
Run mode: Red turns ON in tripped condition.
L1 for Output 1, L2 for Output 2
Check mode: Green turns ON.
Set mode: Red/green turns ON.
Display: LED, 4-digit digital meter
Display range: -14.0 to +113.5 %
Programming: Front key pad
• Trip point
• Hysteresis (deadband)
• Latching
• Trip operation (Hi/Lo, coil energized/de-energized)
• ON-delay time


Similar Part No. - MSEF-65-S/Q

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSE ADAM-TECH-MSE Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
MSE-X ADAM-TECH-MSE-X Datasheet
71Kb / 1P
MINI SHUNTCLOSED TOP HEIGHT
logo
Vishay Siliconix
MSE07PB VISHAY-MSE07PB Datasheet
99Kb / 4P
Surface Mount ESD Capability Rectifier
09-Apr-14
MSE07PB VISHAY-MSE07PB Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
MSE07PB VISHAY-MSE07PB_V01 Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
More results

Similar Description - MSEF-65-S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com