Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ECT
Description  SPLICING CONNECTOR FOR TELECOMMUNICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ECT Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ECT Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ECT Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ECT Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
■ TOOL (PART NO.:ECT TL)
■ MODULE (PART NO.:ECT MD)
■ CONNECTION TYPE AND APPLICATION
CONNECTOR
CONNECTION
TYPE
APPEARANCE
APPLICATION
REMARK
UY
A two-wire connector for solid copper
0.65-0.4 mm(22-26 AWG) cable.
Maximum
insulation O.D.
1.52 mm (0.060")
UB
A tap connector for T type divergence
wire of solid copper 0.65-0.4 mm (22-26
AWG) air core or 0.5-0.4 mm(24-26
AWG) filled core cable.
(a)Max.
insulation O.D.
1.27 mm
(0.050").
(b)With
pre-crimped
feature.
UR
A two-or three-wire connection for Y
type divergence wire of solid copper
0.9-0.4 mm (19-26 AWG) air core or
0.65-0.4 mm (22-26 AWG) filled cable.
Maximum
insulation O.D.
1.67 mm (0.066")
■ PACKINGS
1. Every 100 pieces is packed in a small box. Every 10 small boxes is packed in
a box and 10 boxes are packed in a carton. The dimensions of a small box for
the packing of UY,UB and UR are as following:
The dimensions of a small box
LENGTH
WIDTH
HEIGHT
UY and UB
45mm
55mm
57mm
UR
65mm
65mm
60mm
2. The type of connector, quantity, manufacturing company and date are shown
on the box.
3. The type of connector, quantity, order number or contract number,
manufacturing company and date are shown on the carton.
4. Special packing available.
■ MODULE (PART NO.:ECT MD)
1. Module splicing connector is also available.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com