Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECTUBZ Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ECTUBZ
Description  SPLICING CONNECTOR FOR TELECOMMUNICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ECTUBZ Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ECTUBZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ECTUBZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ECTUBZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
SPLICING CONNECTOR FOR TELECOMMUNICATION
ECT SERIES
■ FEATURES:
Making a clean, solid and rapid connection of you
wires to keep your communication lines free of noise.
ECT discrete connectors (UY,UB and UR) are
available to handle a wide range of conductor sizes
and applications.
The small size allows you to handle higher pair count
splicing while keeping the bundle O.D. to a minimum.
A crimping tool is also available and it is designed for
the use of crimping UY,UB and UR connectors.
■ SPECIFICATIONS:
1. Electrical
Dielectric strength 3.0KV Min. at a 60 HZ A.C. testing voltage and a rate of 500 V
(R.M.S.)/sec.
High humidity insulation resistance 10
5 M ohm Min.
Water immersion insulation resistance 100 M ohm Min.
Connection resistance change after one of the testing conditions following:
–Vibration
–Thermal shock
–Heat aging
2m ohm change Max.
2. Mechanical
Tensile test
90% Min. of the controlled wire breaking strength.
Crimping force
–UY: 28 kg Max. for crimping the 2 referenced conductors, each one is diameter 0.65
mm and O.D. 1.27 mm.
–UB: 34 kg Max. for crimping the 2 referenced conductors, each one is diameter
0.65mm and O.D. 1.27mm.
–UR:236 kg Max. for crimping the 3 referenced conductors, each one is diameter
0.9mm and O.D. 1.67mm.
■ PART NUMBERING SYSTEM
ECT
UY
Z
Z: RoHS Compliant
Type of the connector: UY, UB, UR and MD
Series name: ECE connectors for telecommunication


Similar Part No. - ECTUBZ

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECT-20-30.000M-GA ECLIPTEK-ECT-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-GTR ECLIPTEK-ECT-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-I2A ECLIPTEK-ECT-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-I2TR ECLIPTEK-ECT-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
ECT-20-30.000M-L2A ECLIPTEK-ECT-20-30.000M-L2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECTUBZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP630 TOSHIBA-TLP630 Datasheet
792Kb / 9P
Telecommunication
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
Trisil for telecommunication equipment protection
17-Jan-2013
logo
Power System Technology
FAB0511001 PST-FAB0511001 Datasheet
246Kb / 3P
Telecommunication
logo
TE Connectivity Ltd
C-293545 TEC-C-293545 Datasheet
277Kb / 1P
SPLICING CONNECTOR
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
logo
3M Electronics
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
5815 3M-5815 Datasheet
561Kb / 10P
Modular Splicing System
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com