Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-F-P Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MLV-F-P
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MLV-F-P Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MLV-F-P Datasheet HTML 1Page - M-System Co.,Ltd. MLV-F-P Datasheet HTML 2Page - M-System Co.,Ltd. MLV-F-P Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MLV
MLV SPECIFICATIONS
ES-1356 Rev.8 Page 2/3
http://www.m-system.co.jp/
Excitation adjustment: 6 – 10 Vp-p (front)
■ DISPLAY (Input indicator)
LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %)
(No scaling)
INPUT SPECIFICATIONS
Input: LVDT; 20 – 1000 mV/V at max. deviation; Input
voltage to the MLV must be over 160m Vp-p.
• Excitation: 6 – 10 Vp-p variable (8 Vp-p standard)
Frequency: Approx. 4 kHz
Maximum current: 20 mA r.m.s.
Caution: The input signal may be affected by the type and
length of the cable between the LVDT and the transmitter.
When calibrating the system before installation, use the
same type and length of cable.
If there is an error greater than the described accuracy, or
when you need to change the frequency, please consult
with M-System.
Certain type of LVDT may not be usable with the MLV.
Consult M-System before ordering to confirm the
compatibility.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
0
+100%
-100%
0
V
+10
-10
12
mA
20
4
0.5
V
1
0
OUTPUT
INPUT
■ OPERATION DIAGRAM
50
100%
0%
LCD DISPLAY
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
• DC: Operational voltage range: rating ±10 %, or 85 – 150
V for 110 V rating (ripple 10 % p-p max.)
approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Display accuracy: ±(0.1 % of FS + 1 digit)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com