Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFH1608-R12 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFH1608-R12
Description  HIGH FREQUENCY MULTILAYER CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFH1608-R12 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFH1608-R12 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFH1608-R12 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFH1608-R12 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFH1608-R12 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFH1608-R12 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
HIGH FREQUENCY MULTILAYER CHIP INDUCTORS
EFH SERIES
■ FEATURES
■
DIMENSIONS
The EFH series is designed for high
frequency application up to GHz band
circuit due to low inductance.
High SRF exhibits high Q value at high
frequency.
Monolithic inorganic material construction
for high reliability.
Excellent for high frequency RF
applications such as cellular phones,
pagers, PDAs, computer communications,
etc..
UNIT: mm
Type
A
B
C
D
EFH1005(0402)
1.0±0.10
0.50±0.10
0.5±0.10
0.1~0.3
EFH1608(0603)
1.6±0.15
0.80±0.15
0.8±0.15
0.2~0.6
EFH2012(0805)
2.0±0.20
1.25±0.20
※
0.2~0.8
See attach "product's thickness" dimensions.
※
■ PART NUMBERING SYSTEM
EFH
1608
47N
M
1
Z
Z: RoHS Compliant
Packing:
1: Tape and 7" Reel
Tolerance:
S=±0.3nH, J=±5%, K=±10%
Inductance:
47N: 47nH
Dimensions:
Length(mm) x Width(mm)
Product Name:
High Frequency Multilayer Chip Inductors
Terminal
electrode
Ceramic
B
C
D
D
A


Similar Part No. - EFH1608-R12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
EFH16 MICROSEMI-EFH16 Datasheet
70Kb / 1P
HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
More results

Similar Description - EFH1608-R12

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK06032N2S-T TAIYO-YUDEN-HK06032N2S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK06034N7S-T TAIYO-YUDEN-HK06034N7S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK06036N8J-T TAIYO-YUDEN-HK06036N8J-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK10051N5S-T TAIYO-YUDEN-HK10051N5S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK04024N7S-T TAIYO-YUDEN-HK04024N7S-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
HK04028N2J-T TAIYO-YUDEN-HK04028N2J-T Datasheet
143Kb / 1P
Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com