Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5063 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5063
Description  constant current/constant voltage charging for single-cell lithium battery
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5063 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5063 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5063 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
■ 电气特性
默认 VIN=5V,RS=0.05ohm,TA=25℃(除非特殊指定)
参数
标号
条件
最小
典型
最大
单位
测试
电路
输入电压
VIN
4.35
5
6
V
1
输入电流
IQ
待机模式
VIN<4.35V
50
60
70
µA
2
ISTB
充电结束
0.83
0.92
1.2
mA
2
电池端电流
IR
反灌电流,
VBATT>VIN
0
0.01
0.1
µA
2
IB
待机模式(充电结束)
5
6.5
8
µA
2
电流检测端压差
VSENSE
3V<VBATT<4.18V,
VMODE=VML
90
100
110
mV
1
3V<VBATT<4.18V
VMODE=VMH
50
60
70
mV
1
恒流充电电流
ICHARGE
VBATT<4.18V
-
VSENSE/RS
-
A
1
充电截至电流
IEND
VBATT>4.2V
50
65
80
mA
1
涓流充电极限电压
VTR
2.8
2.92
3
V
1
电池再充电迟滞电压
ΔVREG
VBATT - VRECHARGE
90
130
170
mV
1
振荡器频率
FOSC
RL=100mA
1.35
1.5
1.65
MHz
1
MODE低电平
VML
-
-
-
0.8
V
2
MODE高电平
VMH
-
1.2
-
-
V
2
MODE端电流
IMODE
VMODE=5V
6
7.5
9
µA
2
电源低电压闭锁
VUVLO
VIN 由低到高调节
4.3
4.35
4.45
V
2
电源高电压闭锁
VHOT
VIN 由低到高调节
6.4
6.5
6.6
V
2
电池高电压闭锁
VCOLD
电池电压从
VIN 到低调节
4.32
4.37
4.42
V
NTC高温关断电压
TSD
VIN=5V
1.57
1.67
1.77
V
2
NTC低温关断电压
ΔTSD
VIN=5V
3.23
3.33
3.43
V
2
温度保护
IQ
143
153
163
℃
1
温度保护迟滞
ISTB
20
25
30
℃
1
HM5063



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com