Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4990 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4990
Description  1.25W Mono Audio Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4990 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4990 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4990 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HM4990
4
ELECTRICAL CHARACTERISTICS
VDD=5V.
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for
TA=25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Quiescent current
VIN=0V, IO=0A, No Load
2.5
5
mA
VIN=0V, IO=0A, 8Ω Load
3
7
mA
ISD
Shutdown current
VSD= 0
0.1
2.0
μA
VOS
Output offset voltage
7
50
mV
VSDIH
SD pin HIGH input voltage
1.5
V
VSDIL
SD pin LOW input voltage
0.5
V
ROUT
Resistor output to GND
16
kΩ
PO
Output power (8Ω)
THD+N=1%,f=1KHz
0.9
1.25
W
TWU
Wake-up time
CB=1uF
130
ms
THD+N
Total Harmonic Distortion+Noise
PO = 0.5Wrms; f=1KHz
0.2
%
PSRR
Power Supply Rejection Ratio
Vripple=200mV sine p-p
Input grounded, f=217HZ
55
66
dB
Vripple=200mV sine p-p
Input grounded, f=1KHZ
55
76
VDD=3V.
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for
TA=25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Quiescent current
VIN=0V, IO=0A, No Load
1.6
4
mA
VIN=0V, IO=0A, 8Ω Load
2
5
mA
ISD
Shutdown current
VSD= 0
0.1
2.0
μA
VOS
Output offset voltage
7
50
mV
VSDIH
SD pin HIGH input voltage
1.3
V
VSDIL
SD pin LOW input voltage
0.4
V
ROUT
Resistor output to GND
16
KΩ
PO
Output power (8Ω)
THD+N=1%, f=1KHz
425
mW
TWU
Wake-up time
CB=1uF
130
ms
THD+N
Total Harmonic Distortion+Noise
PO = 0.25Wrms; f=1KHz
0.16
%
PSRR
Power Supply Rejection Ratio
Vripple=200mV sine p-p
Input grounded, f=217Hz
55
66
dB
Vripple=200mV sine p-p
Input grounded, f=1KHz
55
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com