Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4890 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4890
Description  1 Watt CLASS-AB Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4890 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4890 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4890 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HM4890
4 / 11
Voltage Input
High
VSDIL
Shutdown
Voltage Input Low
—
—
0.4
V
VOS
Output Ofsett
Voltage
—
7
50
mV
ROUT-GND
Resistor Output
to GND
7.0
8.5
9.7
kΩ
PO
Output Power
( 8Ω )
THD = 2% (max);
f = 1 kHz 8Ω Load
0.28
0.31
—
W
TWU
Wake-up time
—
50
70
ms
TSD
Thermal
Shutdown
Temperature
150
170
190
℃
THD+N
Total Harmonic
Distortion+Noise
Po = 0.4 Wrms; f = 1kHz
—
0.1
—
%
Vripple = 200mVsine p-p
f=217Hz
56
PSRR
Power Supply
Rejection Ratio
Vripple = 200mVsine p-p
f=1kHz
45
62
—
dB
TSDT
Shut Down Time
8Ω Load
—
1.0
—
ms
Typical Performance Characteristics
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com