Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4863 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4863 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4863 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4863 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
Recommended Operating Condition
Item
Min
Max
Unit
Supply Voltage
2.0
5.5
-40
V
Absolute Maximum Ratings
Item
Unit
℃
℃
Device
Tape Width
Device Marking
Reel Size
Quantity
HM4863S
HM4863ES
Package Type
ESD Susceptibility
2kV
ESD Susceptibility-HBM --------------------------------------------------------
200V
ESD Susceptibility-MM ----------------------------------------------------------
13’’
16mm
3000 units
13’’
12mm
3000 units
Thermal Information
2
1.
2. The ThermalPad on the bottom of the IC should soldered directly to the PCB’s ThermalPad area that with several thermal vias
connect to the ground plan,and the PCB is a 2-layer,5-inch square area with 2oz copper thickness.
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.Functional operation at
conditions other than the operating conditions specified is not implied.Only one Absolute Maximum Rating should be applied at
one time.
Ordering and Marking Information
. 4863
XXXXX
. 4863
XXXXX
HM4863MT
.
4863
XXXXX
85
℃
Temperature Range
Supply Voltage
Power Dissipation
Junction Temperature
Storage Temperature Range
V
6
150
- 65 to150
Internally limited
Input Voltage
- 0. 3V to VDD +0. 3V
V
Solder Information
Small Outline Package
Vapor Phase( 60 sec)
Infrared( 15 sec)
215
220
℃
℃
Description
Symbol
Value
Unit
°C/W
°C/W
(
)
JA SOP16
(SOP16)
JC
Thermal Resistance-Junction to Ambient
Thermal Resistance-Junction to Case
(
20)
JC
TSSOP
(
20)
JA
TSSOP
Thermal Resistance-Junction to Ambient
Thermal Resistance-Junction to Case
°C/W
°C/W
4
Value
SOP16
TSSOP16-EP
TSSOP20
13’’
12mm
3000 units
(TSSOP16-EP)
JC
(
)
JA
TSSOP16-EP
(TSSOP20-EP)
JC
(
)
JA
TSSOP20-EP
Thermal Resistance-Junction to Case
Thermal Resistance-Junction to Case
Thermal Resistance-Junction to Ambient
Thermal Resistance-Junction to Ambient
°C/W
°C/W
°C/W
°C/W
20
80
20
80
2
51(Note 3)
2
58
HM4863MTE
.
4863
XXXXX
TSSOP20-EP
13’’
12mm
3000 units
HM4863
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com