Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4103 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4103
Description  220KHz 36V 4A switch current step-down LED constant current driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4103 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4103 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4103 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Datasheet
220KHz 36V 4A开关电流降压型LED恒流驱动器
HM4103
Rev 1.2
4
订购信息
产品型号
打印名称
封装方式
包装类型
HM4103
HM4103
TO252-5L
2500 只每卷
绝对最大额定值(注
1)
参数
符号
值
单位
输入电压
Vin
-0.3 到 40
V
输出开关引脚电压
VSW
-0.3 到 VIN
V
电流采样引脚电压
VCS
-0.3到VIN
V
功耗
PD
内部限制
mW
热阻
(TO252-5L)
(结到环境,无外部散热片)
RJA
50
ºC/W
最大结温
TJ
-40到150
ºC
操作结温
TJ
-40到125
ºC
贮存温度范围
TSTG
-65到150
ºC
引脚温度
(焊接10秒)
TLEAD
260
ºC
ESD (人体模型)
>3000
V
注
1: 超过绝对最大额定值可能导致芯片永久性损坏,在上述或者其他未标明的条件下只做
功能操作,在绝对最大额定值条件下长时间工作可能会影响芯片的寿命。
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com