Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4066 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4066
Description  Switch Mode Li-Ion/Polymer Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4066 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4066 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4066 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Pin Configurations
Package Type
Pin Configurations
SOP-8
Pin Description
PIN
SOP-8
DESCRIPTION
SENSE
1
Current Amplifier Sense Input. A sense resistor, RSENSE, must be connected between
the SENSE and BAT pins. The maximum charge current is equal to 100mV/RSENSE.
NTC
2
NTC (Negative Temperature Coefficient) Thermistor Input. With an external 10k NTC
thermistor to ground, this pin senses the temperature of the battery pack and stops the
charger when the temperature is out of range. To disable the temperature qualification
function, ground the NTC pin.
COMP
3
Compensation, Soft-Start and Shutdown Control Pin. Charging begins when the COMP
pin reaches 850mV. The recommended compensation components are a 2.2µF (or larger)
capacitor and a 0.5k series resistor (or small). A 100µA current into the compensation
capacitor also sets the soft-start slew rate. Pulling the COMP pin below 280mV will shut
down the charger.
VCC
4
Positive Supply Voltage Input.
SW
5
Power Switching Output.
GND
6
IC Ground.
CHRG
7
Charge Status Output.
BAT
8
Battery Sense Input. A bypass capacitor of 22µF is required to minimize ripple voltage.
When VBAT is within 250mV of VCC, the HM4066 is forced into sleep mode, dropping
ICC to 10µA.
HM4066-4.2 /8.4/ 8.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com