Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD2002-RQFW00A Datasheet(PDF) 1 Page - Rohm

Part # KD2002-RQFW00A
Description  For Large-sized, High-speed Label Pr inters wi th The Heat histor ical cont rol
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD2002-RQFW00A Datasheet(HTML) 1 Page - Rohm

  KD2002-RQFW00A Datasheet HTML 1Page - Rohm KD2002-RQFW00A Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/1
KD2002-RQFW00A
www.rohm.com
c
2019 ROHM Co., Ltd. All rights reserved.
2019.10 - Rev.001
Datasheet
F o r L a r g e - s i z e d , H i g h - s p e e d L a b e l P r i n t e r s w i t h T h e H e a t h i s t o r i c a l c o n t r o l
●Features
These thermal printheads are ideal for barcode label printers for industrial equipment that require high print quality.
This series can control the heat generation time of each heating element from the heat generation history.
●Applications
Ideal for barcode label printers used in assembly lines and distribution centers in factories that require 24-hour
operation and continuous printing for a long time.
●Dimensions (Unit : mm)
●Specifications
Item
Value
Unit
Print Width
56
mm
Number of dot
448
dots
Resolutions
203
Dpi
Resistance Value
550
Platen Diameter
Max. 20
mm
Logic Voltage
3.13 to 5.25
V
Supply Voltage
24
V
Print Speed (Reference)
300
mm/sec
Abrasion Life
150
km
Pulse Life
100
million pulses
Historical Control
Yes
-


Similar Part No. - KD2002-RQFW00A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2002-CAFW00A ROHM-KD2002-CAFW00A Datasheet
71Kb / 2P
For Receipt , Label Pr inters ser ies
KD2002-CF10A ROHM-KD2002-CF10A Datasheet
60Kb / 5P
Compact medium speed thick film thermal printhead (8dots / mm)
KD2002-CF10A ROHM-KD2002-CF10A Datasheet
156Kb / 5P
For Gaming Equipment, ATMs : CF, CG series
KD2002-CF10A ROHM-KD2002-CF10A_07 Datasheet
156Kb / 5P
For Gaming Equipment, ATMs : CF, CG series
KD2002-CG10A ROHM-KD2002-CG10A Datasheet
63Kb / 5P
Compact medium speed thick film thermal printhead (8dots / mm)
More results

Similar Description - KD2002-RQFW00A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2002-DC92A ROHM-KD2002-DC92A Datasheet
72Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD2002-TQFW00A ROHM-KD2002-TQFW00A Datasheet
88Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD2003-DC92A ROHM-KD2003-DC92A Datasheet
91Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD2003-RQFW00A ROHM-KD2003-RQFW00A Datasheet
90Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
KD2004-DC92A ROHM-KD2004-DC92A Datasheet
71Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD2004-RQFW00A ROHM-KD2004-RQFW00A Datasheet
88Kb / 2P
For Large-sized, High-speed Label Pr inters wi th The Heat histor ical cont rol
KD2004-TQFW00A ROHM-KD2004-TQFW00A Datasheet
87Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD2006-DC92A ROHM-KD2006-DC92A Datasheet
73Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
KD3002-RQFW00A ROHM-KD3002-RQFW00A Datasheet
89Kb / 2P
For Large-sized, High-speed Label Pr inters wi th The Heat histor ical cont rol
KD3002-TQFW00A ROHM-KD3002-TQFW00A Datasheet
88Kb / 2P
For Large-sized, High-speed Label Pr inters ser ies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com