Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2W Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PM2W
Description  Plug-in Signal Conditioners M-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PM2W Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PM2W Datasheet HTML 1Page - M-System Co.,Ltd. PM2W Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: PM2W
PM2W SPECIFICATIONS
ES-3225 Rev.5 Page 1/2
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
2-WIRE POTENTIOMETER TRANSMITTER
(molded)
Functions & Features
• Providing a 4 – 20 mA DC signal proportional to a
potentiometer or slidewire position input
• Constant voltage excitation allows use with pots with total
resistances from 100 Ω – 2 kΩ without affecting accuracy
• Small, molded unit is suitable for being incorporated into
another device
Typical Applications
• Tank levels
• Positions
40 (1.57)
25 (.98)
40
(1.57)
mm (inch)
NO.
TYPE
PM2W
DC24V
POWER
DC4–20mA
OUTPUT
MODEL: PM2W
ORDERING INFORMATION
• Code number: PM2W
RELATED PRODUCTS
• Current loop supply (model: YVD)
• Mounting Frame (model: PM2W-FR)
GENERAL SPECIFICATIONS
Construction: Molded
Connection: M3 screw terminals (torque 0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
Zero adjustment: 0 to 10 % of total resistance
Span adjustment: (of total resistance)
135 Ω or above: 50 – 100 %
Below 135 Ω: 70 – 100 %
INPUT SPECIFICATIONS
Potentiometer: 100 Ω – 2 kΩ
Minimum span: 50 % of total resistance (≥ 135 Ω); 70 % of
total resistance (< 135 Ω)
Excitation: 0.2 V DC
OUTPUT SPECIFICATIONS
Output range: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 9 (V)) ÷ 0.02
(A)
(including leadwire resistance)
5
15
20
25
28
9
0
150
300
450
600
750
900
950
SUPPLY VOLTAGE [V]
(750Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 9 – 28 V DC
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface with the Mounting Frame (model: PM2W-
FR)
Weight: 90 g (0.2 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.2 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.1 sec. (0 – 90 %)
Dielectric strength: 2000 V AC @1 minute (input or output
to ground)


Similar Part No. - PM2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PM2WE1 VISHAY-PM2WE1 Datasheet
98Kb / 2P
Package Dimensions in mm
02-Aug-04
PM2WE1OVG VISHAY-PM2WE1OVG Datasheet
98Kb / 2P
Package Dimensions in mm
02-Aug-04
More results

Similar Description - PM2W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com