Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PM2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PM2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PM2 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: P-M2
P-M2 SPECIFICATIONS
ES-5119 Rev.1 Page 1/1
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
SOCKET COVER, M2BS USE
Functions & Features
• Socket cover for empty slots (Installation Base: model
M2BSx, M2BC, M2BD)
20 (.79)
mm (inch)
33 (1.30)
17 (.67)
MODEL: P–M2
ORDERING INFORMATION
• Code number: P-M2
GENERAL SPECIFICATIONS
Mounting screw: M3 screw attached (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
INSTALLATION
Mounting: Installation Base (model: M2BSx, M2BC or M2BD)
Weight: 5 g (0.18 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
20 (.79)
4(.16)
7 (.28)
13 (.51)
17 (.67)
Specifications are subject to change without notice.


Similar Part No. - PM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2 ETC2-PM2 Datasheet
118Kb / 1P
Floor pressure mats or pads are designed to detect a person treading on them, there primary use is in the security industry
PM2 ETC-PM2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
Panasonic Semiconductor
PM2 PANASONIC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
List of Unclassifed Man...
PM2 ETC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
PANDUIT CORP.
PM2-3R-C PANDUIT-PM2-3R-C Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
More results

Similar Description - PM2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com