Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXT
Description  Plug-in Signal Conditioners MX-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXT Datasheet HTML 1Page - M-System Co.,Ltd. MXT Datasheet HTML 2Page - M-System Co.,Ltd. MXT Datasheet HTML 3Page - M-System Co.,Ltd. MXT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MXT
MXT SPECIFICATIONS
ES-1712 Rev.11 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: ≤ 0.2 μA
Input min. step: 0.1 ('1' for ≥ ±1000)
Default setting: K (CA) 0 – 100°C
Temperature range
T/C
USABLE RANGE
CONFORMANCE
LIMIT
°C
°F
°C
°F
(PR)*
-50 to +1860
-58 to +3380
150
302
K (CA)*
-270 to +1470
-454 to +2678
-200
-328
E (CRC)*
-270 to +1020
-454 to +1868
-200
-328
J (IC)
-260 to +1300
-436 to +2372
-260
-436
T (CC)*
-270 to +500
-454 to +932
-200
-328
B (RH)*
20 to 1920
68 to 3488
450
842
R*
-100 to +1860
-148 to +3380
150
302
S*
-100 to +1860
-148 to +3380
150
302
C (WRe 5-26)
-50 to +2410
-58 to +4370
-50
-58
N*
-270 to +1400
-454 to +2552
-200
-328
U
-250 to +600
-418 to +1112
-250
-418
L
-250 to +1000
-418 to +1832
-250
-418
P (Platinel II)
-50 to +1500
-58 to +2732
-50
-58
*
Note 1: Set the upper range temperature with a larger value
than the lower range termperature value.
Note 2: Inverted output is available with the configuration.
Note 3: Operational range is of -15 to +115% or in the usable
range as indicated above.
For temperature ranges near the lower limit of usable range,
the transmitter may not satisfy the described accuracy.
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC:
Approx. 3 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3.5 W (100 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE
Accuracy: Input + output
Input: ±0.3°C (±0.54°F)
Output: ±0.05 %
Min. span required to ensure the accuracy:
20 % of the nominal I/O range
Display accuracy: Input accuracy ±1 digit
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com