Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXPA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXPA
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXPA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXPA Datasheet HTML 1Page - M-System Co.,Ltd. MXPA Datasheet HTML 2Page - M-System Co.,Ltd. MXPA Datasheet HTML 3Page - M-System Co.,Ltd. MXPA Datasheet HTML 4Page - M-System Co.,Ltd. MXPA Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MXPA
MXPA SPECIFICATIONS
ES-1732 Rev.8 Page 2/5
http://www.m-system.co.jp/
Input pulse sensing: Capacitor or DC coupled
Averaging non-uniform input waveforms: Input pulses are
divided and then multiplied so that the output pulses are
averaged.
Low-end cutout: 0 Hz equivalent output is forced during the
low-end cutout; -15 to +115 % adjustable; deadband 1 %
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Scaling: -9999 to 9999
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
Status LEDs: Red; the PL1 turns on with negative polarity,
the PL2 with programming error and the PL3 with low-end
cutout.
Input LED: Red; the PL4 blinks in synchronization with the
input pulse.
Note: LED response takes time when the input decreases
from a very high frequency to a low frequency.
INPUT SPECIFICATIONS
Sensor excitation: 5 – 24 V DC ±10 %; 1 V increments
(default setting: 5 V): Activated / deactivated via front
control keys
Max. current (mA): 600 mW / Excitation voltage (V); 120 mA
at 5 V, 50 mA at 12 V, 25 mA at 24 V
Current limit protection: Approx. 330 mA at shortcircuit
(Overcurrent will appear at shortcircuit. If the device cannot
withstand the overrcurrent, be sure to turn off the sensor
excitation for safety before wiring excitation to the device,
and then turn it on after confirming the connection.
The sensor excitation is factory set to ON. Turn it off when
not used.)
Frequency ranges: 0 – 0.01 Hz through 100 kHz (up to 10 Hz
for mechanical contact)
Minimum pulse width requirements: 4 μsec. for both ON and
OFF (Hi and Lo) except for the mechanical contact (40
msec. for ON and OFF)
Note: Minimum increments of 0 % and 100 % input
frequency are 1/1000 of each frequency range.
■ Open Collector, Mechanical Contact
Detecting power/current: Approx. 15 V DC @ 1.8 mA
Detecting levels: ≤ 200 Ω / 2.5 V for ON;
≥ 100 kΩ / 4.0 V for OFF
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ minimum
Input amplitude: Min. 0.5 Vp-p, max. 100 Vp-p
Max. voltage between input terminals: 50 V
• DC Coupling
Detecting levels (Manual)
VH : 1 – 10.0 V (0.1 V increments variable)
VL : 1 – 10.0 V (0.1 V increments variable)
Max. DC offset voltage: 9.9 V
Or 3 steps automatic setting available.
Automatic:
Low level: VL approx. 1.0 V, VH approx. 1.5 V
(Recommended input pulse levels: 2 V - 4 Vp-p, max. DC
offset voltage: 1.2 V)
Mid Level: VL approx. 2.0 V, VH approx. 2.5 V
(Recommended input pulse levels: 4 V - 12 Vp-p, max. DC
offset voltage: 2.2 V)
High level: VL approx. 5.0 V, VH approx. 6.0 V
(Recommended input pulse levels: 12 V - 50 Vp-p, max.
DC offset voltage: 5.5 V)
(VH - VL) is so called hysteresis for detecting level.
VH detects rising edge, VL detects sinking edge.
For manual setting, be sure to set VH higher than VL.
(ITEM No. blinks when setting error)
• Capacitor Coupling
Detecting levels
VH : 1 – 10.0 V (0.1 V increments variable)
VL : 1 – 10.0 V (0.1 V increments variable)
Max. DC offset voltage: 26 V
Or 1 step automatic setting available.
Automatic: VL approx. 0.0 V, VH approx. 0.5 V
With the capacitor coupling, sine or similar waveforms
below 20 Hz and/or 1 Vp-p cannot be detected. The
capacitor coupling can be used when the detecting levels do
not match with DC coupling, such as when the DC offset
voltage is ≥ 9.9 V or ≤ 26 V.
■ Two-wire Current Pulse
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Detecting levels: ≥ 13.6 mA for Hi; ≤ 7.2 mA for Lo
■ RS-422 Line Driver Pulse
Receiver: Conforms to RS-422
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
Detecting Level
VH
VL
VOLTAGE PULSE WAVEFORM
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com