Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXLCF Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXLCF
Description  Plug-in Signal Conditioners MX-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXLCF Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXLCF Datasheet HTML 1Page - M-System Co.,Ltd. MXLCF Datasheet HTML 2Page - M-System Co.,Ltd. MXLCF Datasheet HTML 3Page - M-System Co.,Ltd. MXLCF Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MXLCF
MXLCF SPECIFICATIONS
ES-1705 Rev.16 Page 2/4
http://www.m-system.co.jp/
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Scaling: -9999 to 9999
(decimal point position selectable)
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red, PL1 turns on with negative polarity, PL4 turns on
with contact input on.
INPUT SPECIFICATIONS
■ Strain Gauge Input
• Strain Gauge
Sensor sensitivity setting
S1: 0.0010 - 0.9999mV/V
S2: 0.010 - 3.000mV/V
S3: 0.010 - 9.999mV/V
S4: 0.10 - 30.00mV/V
Sensor sensitivity setting min. step:
S1: 0.0001 mV/V
S2: 0.001 mV/V
S3: 0.001 mV/V
S4: 0.01 mV/V
Default setting:
S1: 0.9999 mV/V
S2: 3.000 mV/V
S3: 9.999 mV/V
S4: 30.00 mV/V
Rated output from strain gauge:
S1: -9.999 – +9.999 mV, span 1.000 – 9.999 mV
S2: -30.00 – +30.00 mV, span 3.00 – 30.00 mV
S3: -99.99 – +99.99 mV, span 10.00 – 99.99 mV
S4: -300.0 – +300.0 mV, span 30.0 – 300.0 mV
Input voltage setting min. step:
S1: 0.001 mV
S2: 0.01 mV
S3: 0.01 mV
S4: 0.1 mV
Note: Consult factory for use with a compression/tension
load cells.
• Excitation: 0.1 – 12.0 V adjustable (0.1 V increments)
Maximum current: 120 mA
Load resistance: 85 Ω minimum
Default setting: 1.0 V
■ Contact Input: TTL level (5V-CMOS level), open collector
or dry contact (detecting voltage: approx. 5 V, saturation
voltage: ≤ 1 V, sink current: 0.5 mA)
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC: Approx. 16 VA
•DC: Approx. 7 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE
Moving average in 64 samples
Accuracy: Input + output
Input: ±0.1 %
Output: ±0.1 %
Min. span required to ensure the accuracy: 20 % of the
selectable input and output range.
Display accuracy: Input accuracy ±1 digit
(with 0.0 – 100.0 scaling)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: (0 – 90 %)
Moving Average:
Without: Approx. 5 msec.
4 samples: Approx. 10 msec.
8 samples: Approx. 15 msec.
16 samples: Approx. 20 msec.
32 samples: Approx. 40 msec.
64 samples: Approx. 70 msec.
Excitation: Set value ±250 mV
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com