Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXLC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXLC
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXLC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXLC Datasheet HTML 1Page - M-System Co.,Ltd. MXLC Datasheet HTML 2Page - M-System Co.,Ltd. MXLC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MXLC
MXLC SPECIFICATIONS
ES-1704 Rev.15 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
STRAIN GAUGE TRANSMITTER
(front configurable)
Functions & Features
• Provides a DC output signal proportional to a bridge type
strain gauge utilized in load cells and pressure transducers
• Compatibility with strain gauges of various bridge
resistances and output ratings
• Supplies required excitation voltage; 0.1 – 12.0 V
adjustable
• Wide-range adjustments: 0 – 100 % for zero and gain
• Isolation up to 2000 V AC
• Loop test output
• High-density mounting
Typical Applications
• Weighing system for tanks, hoppers and silos
• Weighing system using cranes
• Pressure sensor utilizing strain gauges
• Float level meter utilizing strain gauges
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
MODEL: MXLC–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: MXLC-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. MXLC-S1V1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT STRAIN GAUGE
S1: 0.0 – 3.0 mV/V
S2: 0.0 – 10.0 mV/V
S3: 0.0 – 30.0 mV/V
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1704)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 %
Excitation adjustment: 0.1 – 12.0 V (front)
Zero adjustment: 0 – 100 % (front)
Gain adjustment: 0 – 9.99 (front)
Tare adjustment: -999.9 – 999.9 % (front or by external
contact)
Programming: Via front keys
• Scaled range
• Moving average
• etc...
(Refer to the instruction manual for details)
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits


Similar Part No. - MXLC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXLCE6.5A MICROSEMI-MXLCE6.5A Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MXLCE6.5AE3 MICROSEMI-MXLCE6.5AE3 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MXLCE6.5E3 MICROSEMI-MXLCE6.5E3 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
logo
M-System Co.,Ltd.
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLCF-S1V1-M2 MSYSTEM-MXLCF-S1V1-M2 Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
More results

Similar Description - MXLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com