Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXF Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXF
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXF Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXF Datasheet HTML 1Page - M-System Co.,Ltd. MXF Datasheet HTML 2Page - M-System Co.,Ltd. MXF Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MXF
MXF SPECIFICATIONS
ES-1718 Rev.10 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
SIGNAL TRANSMITTER
(front configurable function module)
Functions & Features
• Converts a DC input into a standard process signal
• Field-programmable I/O range
• Easy programming via front UP-DOWN keys
with a help of 4-digit and 2-digit displays
• Square, square root, reciprocal functions
• I/O signal inversion feature
• Ratio + output bias setting
• High/low limits setting
• Isolation up to 2000 V AC
• Loop test output
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation
• Wide span adjustment for measured signals
• Securing minimum fuel flow in a combustion control loop
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MXF–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: MXF-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. MXF-S1V1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT
Voltage
S1: Range -1 – +1 V DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
S3: Range -30 – +30 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1718)
RELATED PRODUCTS
• Resistor module (model: REM)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Formula: Xo = K × F(Xi) + B
where
Xo = Output
Xi = Input
F( ) = Function
B = Output bias
K = Output gain
Programming: Via front keys


Similar Part No. - MXF

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
MXF HORNBY-MXF Datasheet
201Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
MXF HORNBY-MXF Datasheet
201Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Mobile Mark, Inc.
MXF-450 MOBILEMARK-MXF-450 Datasheet
263Kb / 1P
PUBLIC SAFETY SURFACE MOUNT ANTENNA
10/2023
MXF-5900-3C3C2C-BLK-180 MOBILEMARK-MXF-5900-3C3C2C-BLK-180 Datasheet
312Kb / 1P
DSRC Mobile Antenna 2xDSRC, 1xGNSS
8/2025
logo
National Semiconductor ...
MXF10A NSC-MXF10A Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
More results

Similar Description - MXF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com