Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXR-V2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXR-V2-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXR-V2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXR-V2-R Datasheet HTML 1Page - M-System Co.,Ltd. MXR-V2-R Datasheet HTML 2Page - M-System Co.,Ltd. MXR-V2-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MXR
MXR SPECIFICATIONS
ES-1714 Rev.11 Page 2/3
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Maximum leadwire resistance: 200 Ω per wire (3-wire)
Sensing current: ≤ 0.5 mA
Input min. step: 0.1 ('1' for ≥ ±1000)
Default setting: Pt 100 (JIS '97, IEC) 0 – 100°C
Temperature range
RTD
USABLE RANGE
°C
°F
JPt 100 (JIS ’89)
Pt 100 (JIS ’89)
Pt 100 (JIS ’97, IEC)
-230
-230
-230
to
to
to
+560
+900
+900
-382
-382
-382
to
to
to
+1040
+1652
+1652
Pt 50Ω (JIS ’81)
Ni 508.4Ω
Pt 1000
-230
-100
-230
to
to
to
+700
+330
+900
-382
-148
-382
to
to
to
+1292
+626
+1652
Ni 100
Cu 10Ω @25°C
-100
-210
to
to
+250
+310
-148
-346
to
to
+482
+590
Note 1: Set the upper range temperature with a larger value
than the lower range termperature value.
Note 2: Inverted output is available with the configuration.
Note 3: Operational range is of -15 to +115% or in the usable
range as indicated above.
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3.5 W (100 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 280 g (0.62 lb)
PERFORMANCE
Accuracy: Input + output
Input: ±0.3°C (±0.54°F) typical
±0.5°C (±0.9°F) for Cu 10
Output: ±0.05 %
Min. span required to ensure the accuracy:
20% of the nominal I/O range
Display accuracy: Input accuracy ±1 digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com