Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXMS-V2-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXMS-V2-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXMS-V2-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXMS-V2-R Datasheet HTML 1Page - M-System Co.,Ltd. MXMS-V2-R Datasheet HTML 2Page - M-System Co.,Ltd. MXMS-V2-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MXMS
MXMS SPECIFICATIONS
ES-1702 Rev.12 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
PROGRAMMED RAMP GENERATOR
(front configurable)
Functions & Features
• Generates various patterns of output by front UP-DOWN
key programming
• Upscale/downscale limits, output cycle can be
programmed
• Programming and display in engineering units
• Max. 16-point-segment ramps can be generated
• Loop test output
Typical Applications
• Parameters setting for computers and DCS
• Signals used in a panel, which are rarely changed
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MXMS–[1]–[2][3]
ORDERING INFORMATION
• Code number: MXMS-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MXMS-V1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1702)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Control I/O to output to power
Programming: Via front keys
• Scaled range
• Output range
• Output wave type and cycle
• etc...
(Refer to the instruction manual for details)
■ DISPLAY
LED: 8 mm (.31”) 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
Scaling: -9999 to 9999
MV indication: Output signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red; the PL1 turns on with negative polarity and the
PL2 turns on during a program is running.
INPUT SPECIFICATIONS
■ Output Enable Command
Minimum ON time: 0.1 sec. (Prevent chattering.)
Sensing voltage: 5 V DC
ON/OFF levels: ≤ 500 Ω / ≤ 0.65 V for ON;
≥ 30 kΩ / 4.5 V for OFF


Similar Part No. - MXMS-V2-R

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MXM1120 MGCHIP-MXM1120 Datasheet
55Kb / 1P
digital Hall sensor IC
MXM1120SO MGCHIP-MXM1120SO Datasheet
55Kb / 1P
digital Hall sensor IC
MXM1160 MGCHIP-MXM1160 Datasheet
71Kb / 1P
Advanced Digital Hall Sensor
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
Hall switch
MXM1280 MGCHIP-MXM1280 Datasheet
62Kb / 1P
High Voltage Hall Switch
More results

Similar Description - MXMS-V2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXT MSYSTEM-MXT Datasheet
137Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com