Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXV-S3V1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MXV-S3V1-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXV-S3V1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MXV-S3V1-R Datasheet HTML 1Page - M-System Co.,Ltd. MXV-S3V1-R Datasheet HTML 2Page - M-System Co.,Ltd. MXV-S3V1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MXV
MXV SPECIFICATIONS
ES-1717 Rev.12 Page 2/3
http://www.m-system.co.jp/
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period
LEDs: Red; the PL1 turns on with negative polarity and the
PL2 with programming error.
INPUT SPECIFICATIONS
■ INPUT
Code S1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code S2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Code S3: -30.0 – +30.0 V DC
Operational range: -34.5 – +34.5 V DC
Minimum increment: 100 mV
Notes:
-Set the 100 % input value with a larger value than the 0 %
input value.
-Inverted output is available with the configuration.
-Operational range is of -15 to +115 % or in the usable
range as indicated above.
Default setting:
Code S1: -1.00 – +1.00 V DC
Code S2: -10.0 – +10.0 V DC
Code S3: -30.0 – +30.0 V DC
OUTPUT SPECIFICATIONS
■ DC Current: 0.0 – 20.0 mA DC
Operational range: 0.0 – 24.0 mA DC
Minimum increment: 0.1 mA
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC:
approx. 3 VA at 100 V
approx. 4 VA at 200 V
approx. 5 VA at 264 V
•DC: Approx. 3.5 W (100 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE
Accuracy: Input + output
Input: ±0.05 %
Output: ±0.05 %
Min. span required to ensure the accuracy:
20 % of the nominal I/O range
Display accuracy: Input accuracy ±1 digit
(with 0.0 – 100.0 scaling)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com