Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXPA-HZ1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # MXPA-HZ1-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXPA-HZ1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  MXPA-HZ1-R Datasheet HTML 1Page - M-System Co.,Ltd. MXPA-HZ1-R Datasheet HTML 2Page - M-System Co.,Ltd. MXPA-HZ1-R Datasheet HTML 3Page - M-System Co.,Ltd. MXPA-HZ1-R Datasheet HTML 4Page - M-System Co.,Ltd. MXPA-HZ1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: MXPA
MXPA SPECIFICATIONS
ES-1732 Rev.8 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
U(+)
V(–)
POWER
7
8
Isolation
DATA
ITEM
+
–
OUTPUT
1
2
Digital
Computation
Waveform
Shaper
Low Drift
Amplifier
6
3
5
4
Output
Driver
+
+
–
INPUT
EXCITATION
Base Socket
U(+)
V(–)
POWER
7
8
Isolation
DATA
ITEM
+
–
OUTPUT
1
2
Digital
Computation
RS-422
Receiver
Constant
Voltage
6
3
5
4
Output
Driver
+
+
–
–
3
5
4
10kΩ
■Open Collector or
Mechanical Contact
Input Connection Examples
+
–
Vsns
PWR
■2-Wire Current Pulse
• Built-in Excitation
3
5
4
–
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
3
5
4
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
100Ω
■Voltage Pulse
• DC Coupled
3
5
4
+
+
–
–
Vsns
PWR
• Capacitor Coupled
3
5
4
+
+
–
–
Vsns
PWR
100Ω
+15V
+
+
–
–
PWR
■RS-422 Line Driver Pulse
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com