Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXPA-HV1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MXPA-HV1-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXPA-HV1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MXPA-HV1-R Datasheet HTML 1Page - M-System Co.,Ltd. MXPA-HV1-R Datasheet HTML 2Page - M-System Co.,Ltd. MXPA-HV1-R Datasheet HTML 3Page - M-System Co.,Ltd. MXPA-HV1-R Datasheet HTML 4Page - M-System Co.,Ltd. MXPA-HV1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MXPA
MXPA SPECIFICATIONS
ES-1732 Rev.8 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners MX-UNIT
FREQUENCY TRANSMITTER
(front configurable)
Functions & Features
• Converts the output from a pulse-type transducer into a
standard process signal
• Sensor excitation
• Field-programmable input frequency
• Easy programming via front UP-DOWN keys
with a help of 4-digit and 2-digit displays
• Linearization
• Averaging non-uniform pulses
• Loop test output
• Isolation up to 2000 V AC
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Measures rotation or moving speed of a machine and
converts the pulses into analog
signals
• Converts non-uniform pulses from an Oval flowmeter into
non-pulsating DC signals
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MXPA–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: MXPA-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. MXPA-BZ1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT
A: Open collector
A2: Mechanical contact
B: Voltage pulse
H: Two-wire current pulse
J: RS-422 line driver pulse
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1732)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Linearization: Max. 24 points
Programming: Via front keys
• Input frequency range
• Zero and span
• Low-end cutout
• Averaing non-uniform pulses
• Linearization
• Sensor excitation ON/OFF
• Chattering filter
etc...
(Refer to the instruction manual for details)


Similar Part No. - MXPA-HV1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXP-033LD ETC2-MXP-033LD Datasheet
302Kb / 7P
1.25G SFP Transceiver
MXP-033LF ETC2-MXP-033LF Datasheet
302Kb / 7P
1.25G SFP Transceiver
MXP-033LV ETC2-MXP-033LV Datasheet
302Kb / 7P
1.25G SFP Transceiver
MXP-033MD ETC2-MXP-033MD Datasheet
302Kb / 7P
1.25G SFP Transceiver
MXP-033MF ETC2-MXP-033MF Datasheet
302Kb / 7P
1.25G SFP Transceiver
More results

Similar Description - MXPA-HV1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXCB MSYSTEM-MXCB Datasheet
183Kb / 6P
Plug-in Signal Conditioners MX-UNIT
MXAP MSYSTEM-MXAP Datasheet
153Kb / 5P
Plug-in Signal Conditioners MX-UNIT
MXAB MSYSTEM-MXAB Datasheet
194Kb / 7P
Plug-in Signal Conditioners MX-UNIT
MXV MSYSTEM-MXV Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXR MSYSTEM-MXR Datasheet
126Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXMS MSYSTEM-MXMS Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXLCF MSYSTEM-MXLCF Datasheet
119Kb / 4P
Plug-in Signal Conditioners MX-UNIT
MXLC MSYSTEM-MXLC Datasheet
118Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXF MSYSTEM-MXF Datasheet
114Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com