Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXPA-JV1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MXPA-JV1-R
Description  Plug-in Signal Conditioners MX-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MXPA-JV1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MXPA-JV1-R Datasheet HTML 1Page - M-System Co.,Ltd. MXPA-JV1-R Datasheet HTML 2Page - M-System Co.,Ltd. MXPA-JV1-R Datasheet HTML 3Page - M-System Co.,Ltd. MXPA-JV1-R Datasheet HTML 4Page - M-System Co.,Ltd. MXPA-JV1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MXPA
MXPA SPECIFICATIONS
ES-1732 Rev.8 Page 3/5
http://www.m-system.co.jp/
Default setting: 4.0 – 20.0 mA DC
■ DC Voltage
Code V1: -1.00 – +1.00 V DC
Operational range: -1.15 – +1.15 V DC
Minimum increment: 10 mV
Code V2: -10.0 – +10.0 V DC
Operational range: -11.5 – +11.5 V DC
Minimum increment: 100 mV
Note: Set to the 100 % output with a larger value than the
0 % output value.
Default setting:
Code V1: -1.00 – +1.00 V DC
Code V2: -10.0 – +10.0 V DC
INSTALLATION
Power consumption
•AC:
Approx. 5.6 VA at 100 V
Approx. 7.6 VA at 200 V
Approx. 9.0 VA at 264 V
•DC: Approx. 5 W (210 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of max. span
Accuracy: Input + output
Input: ±0.05 % (±0.2 % with a sinusoidal
or similar waveform input less than 100 Hz.)
Output: ±0.05 %
Min. span required to ensure the accuracy: 20 % of the
nominal I/O range
Display accuracy: Input accuracy ±1 digit (with 0.0 – 100.0
scaling)
Display accuracy: Input accuracy ±1 digit
(with 0.0 – 100.0 scaling)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power: Basic insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com