Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPH-2GG-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # PTPH-2GG-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PTPH-2GG-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  PTPH-2GG-R Datasheet HTML 1Page - M-System Co.,Ltd. PTPH-2GG-R Datasheet HTML 2Page - M-System Co.,Ltd. PTPH-2GG-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: PTPH
PTPH SPECIFICATIONS
ES-1306 Rev.5 Page 3/3
http://www.m-system.co.jp/
EXTERNAL VIEW
4
3
2
1
ON
ON
Span Adj.
Zero Adj.
Output 2
Span Adj.
Zero Adj.
Output 1
Reset Control
Indicator LED
1
2
3
4
Function Setting
Line Freq
Output 2
Response
Time
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
V
U
v
u
FUSE
VT
LOAD
SOURCE
Base Socket
Digital
Computation
4
3
INPUT
TRANSFORMER
5
6
U(+)
V(–)
POWER
7
8
+
–
OUTPUT 1
1
2
+
–
10
11
S
Z
Output
Driver
S
Z
Output
Driver
OUTPUT 2
9
CONTACT INPUT
Isolation
Isolation
DIP SW
RESET
LED
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com