Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPH-4GG-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PTPH-4GG-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PTPH-4GG-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PTPH-4GG-R Datasheet HTML 1Page - M-System Co.,Ltd. PTPH-4GG-R Datasheet HTML 2Page - M-System Co.,Ltd. PTPH-4GG-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: PTPH
PTPH SPECIFICATIONS
ES-1306 Rev.5 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PT TRANSMITTER
(true RMS sensing; high speed response; peak hold)
Functions & Features
• Converts an alternating voltage from a voltage
transformer into a standard process signal
• Dual output: The second output can be switched to ‘peak
hold’ mode with the front DIP switch
• Resetting the peak hold output with the front reset control
button
• True RMS sensing with fast 50-millisecond
response time (0 – 90 %) is possible
• Isolation up to 2000 V AC
Typical Applications
• Monitoring impulsive power line voltage change
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: PTPH–[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: PTPH-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. PTPH-5AA-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
1: 0 – 110 V AC
2: 0 – 220 V AC
5: 0 – 150 V AC
6: 0 - 300 V AC
8: 0 – 259 V AC
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
[3] OUTPUT 2 (momentary value or peak hold)
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Voltage
Same range availability as Output 1
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
(CE not available)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[5] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to contact input to
power
Input waveform: Up to 20 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)


Similar Part No. - PTPH-4GG-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTP25772A0QWRQLTQ1 TI-PTP25772A0QWRQLTQ1 Datasheet
454Kb / 7P
TPS25772-Q1 Automotive Dual USB Type-C Power Delivery Controller with Buck-Boost Regulator
PTP25772A0QWRQLTQ1 TI-PTP25772A0QWRQLTQ1 Datasheet
10Mb / 90P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
DECEMBER 2022
logo
CT Micro International ...
PTP73010T20 CTMICRO-PTP73010T20 Datasheet
952Kb / 10P
SMD Type Phototransistor
Rev 3 Jun, 2018
logo
List of Unclassifed Man...
PTP8 ETC-PTP8 Datasheet
59Kb / 1P
null.031" x 0.62" x 800° PT Series Conical Tip for TC201 Series Iron
12/5/2016
logo
CT Micro International ...
PTP81608BT06 CTMICRO-PTP81608BT06 Datasheet
935Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.2 Sep, 2018
More results

Similar Description - PTPH-4GG-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com