Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150430 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 150430
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

150430 Datasheet(HTML) 1 Page - Festo Corporation.

  150430 Datasheet HTML 1Page - Festo Corporation. 150430 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proximity sensor
SIEN-M18NB-PO-K-L
Part number: 150430
Data sheet
Feature
Value
Type code
SIEN
Conforms to standard
EN 60947-5-2
Symbol
00991613
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
RoHS-compliant
Rated operating distance
8 mm
Assured operating distance
6.48 mm
Reduction factors
Aluminum = 0.5
Stainless steel St 18/8 = 0.8
Copper = 0.4
Brass = 0.5
Steel St 37 = 1.0
Ambient temperature
-25 °C ... 70 °C
Repetition accuracy
0.4 mm
Switching output
PNP
Switching element function
N/C contact
Hysteresis
≤0.88 mm
Max. switching frequency
2000 Hz
Max. output current
200 mA
Voltage drop
≤2 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 30 V
Residual ripple
+/- 20 %
Idle current
≤10 mA
Reverse polarity protection
for all electrical connections
Electrical connection
3-wire
Cable
Cable length
2.5 m
Material of cable sheath
TPE-U(PUR)
Size
M18x1
Type of mounting
With lock nut
Tightening torque
20 Nm
Mounting type
Not flush
Product weight
105 g
5/6/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 150430

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
150430038 NORGREN-150430038 Datasheet
197Kb / 9P
Nickel Plated BSP & Hose Fittings
More results

Similar Description - 150430

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com