Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHSL-C3B Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PHSL-C3B
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PHSL-C3B Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PHSL-C3B Datasheet HTML 1Page - M-System Co.,Ltd. PHSL-C3B Datasheet HTML 2Page - M-System Co.,Ltd. PHSL-C3B Datasheet HTML 3Page - M-System Co.,Ltd. PHSL-C3B Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PHS
PHS SPECIFICATIONS
ES-3207 Rev.3 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PEAK HOLD
(isolated)
Functions & Features
• Track mode: the output follows proportionally to the input
• Peak-hold mode: responds only to an increasing signal,
holding the maximum value until a higher signal or a
command to reset is received
• Minimum value (valley) hold selectable
• LCD meter
• High-density mounting
Typical Applications
• Monitoring peak power consumption
• Monitoring the highest or lowest temperature
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: PHS[1]–[2][3]–[4][5]
ORDERING INFORMATION
• Code number: PHS[1]-[2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. PHSH-6A-B/E/Q)
•Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] HOLD FUNCTION
H: Peak hold
L: Valley hold
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)


Similar Part No. - PHSL-C3B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PHS LITTELFUSE-PHS Datasheet
372Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
logo
Pro-Power
PHS-008-6028-BLK PROPOWER-PHS-008-6028-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-012-4025-BLK PROPOWER-PHS-012-4025-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-012-6024-BLK PROPOWER-PHS-012-6024-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-016-4025-BLK PROPOWER-PHS-016-4025-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
More results

Similar Description - PHSL-C3B

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com